PART |
Description |
Maker |
LTC3544 |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology Corporation
|
US3018 US3018CW |
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
|
Unisem Group UNISEM[UNISEM]
|
MP20142DGT-LF-Z |
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
|
Monolithic Power Systems
|
TPC1020AFJ-084C TPC1020AFJ-084I1 TPC1010AFN-068I1 |
SK-9S22 10/100/1000BASE-T DUAL PORT SERVER ADAPTER ADAPTIVE DIGITAL VIDEO FORMAT CONVERTER IC 88E1011S FO GIGE XCVR TFBGA IC ULTRA GIGABIT ENET TRANC 10/100/1000 SK-9E82 1000BASE-SX DUAL PORT SERVER ADAPTER, ROHS COMPLIANT Snap Action Switch; Contact Current Max:200mA; Circuitry:SPDT; Actuator Style:Leaf Lever; Contact Rating:200mA at 60VDC; Current Rating:0.1A; Features:Leaf Actuator; Leaded Process Compatible:Yes; Mounting Type:PCB Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
New Japan Radio Co., Ltd.
|
TTB200T TTB200S TTB150T TTB150D |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|285V V(BO) MAX|200MA I(S)|DO-214AB SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|TO-220AC SINGLE BIDIRECTIONAL BREAKOVER DIODE|235V V(BO) MAX|200MA I(S)|DO-15 单双向击穿二极管| 235V五(公报)最大| 200mA的我(县)|的DO - 15
|
ITT, Corp.
|
LTC3544 LTC3544EUD LTC3544EUD-PBF LTC3544EUD-TR LT |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.8 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
PWC PWC-24S PWC-5 PWC-15 PWC-3.3E PWC-3.3S PWC-5S |
TRANS,WALL,12VDC/200mA,F2 2.5mmX5.5mm,R ANGLE,UL,CSA AP,CERM,DISC,.001uF,50V,20%, INCREMENTS of 10 TRANS,WALL,14VDC/200mA,F2, 2.1mm X 5.5mm,UL/CUL PowerBlock微小瓦电源供应器 PowerBlock Micro-Miniature 5 Watt Switching Power Supplies PowerBlock微小瓦电源供应器
|
Astrodyne, Inc.
|
MC14536 MC14536B MC14536BCP MC14536BDW MC14536BDWR |
Programmable Timer Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DIVIDE BY N COUNTER, PDIP16
|
ONSEMI[ON Semiconductor]
|
HM28-20002 HM28-25032 HM28-24016 HM28-35041 HM28-2 |
DATA LINE FILTER FERRITE BEAD SMD805 600R /-25% DCR=0.30 200MA M/L Buckle Style Core Common-Mode Chokes 扣风格核心共模扼流圈 0-SPEED DIFF 2-WIRE GTS W/TIN PLATE 扣风格核心共模扼流圈 130 AMP BI-DIRECTIONAL CURRENT SENSOR 扣风格核心共模扼流圈 2-WIRE DIFF SPEED AND DIRECTION GTS SEE ATS642LSHTN-I2-T 100A CURRENT SENSOR, CB-PFF-5, 754; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:5; Case style:CB-PFF; Base number:754; Temperature, operating range:-40(degree C) to (degree C) RoHS Compliant: Yes SEE ATS643LSHTN-I2-T Multilayer Ferrite Beads; Series:ILBB; Inductance:600uH; Inductance Tolerance: /- 25 %; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:200mA; Impedance:600ohm; Leaded Process Compatible:Yes 100 AMP BI-DIRECTIONAL CURRENT SENSOR
|
BI TECHNOLOGIES CORP Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LTM8020EVPBF LTM8020MPVPBF LTM8020IVPBF LTM8020-15 |
200mA, 36V DC/DC µModule; Package: LGA; No of Pins: 21; Temperature Range: -40°C to 125°C SWITCHING REGULATOR, 450 kHz SWITCHING FREQ-MAX, PBGA21 200mA, 36V DC/DC µModule; Package: LGA; No of Pins: 21; Temperature Range: -40°C to 85°C 200mA, 36V DC/DC Module Regulator
|
LINEAR TECHNOLOGY CORP
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|